Part Number Hot Search : 
80C19 HYS64T 2N541 78M12 BSO20 BZV79C75 SZN4495S BR1220
Product Description
Full Text Search
 

To Download SE051C106KAR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  67 smps capacitors (se style) extended commercial radial range se 01 3 c 125 m a a * style size see chart below voltage 25v = 3 50v = 5 100v = 1 temperature coefficient x7r = c capacitance code (2 significant digits + no. of zeros) 22 nf = 223 220 nf = 224 1 f = 105 100 f = 107 capacitance tolerance x7r: k = 10% m = 20% z = +80, -20% te s t level a = standard b = hi-rel * leads a = tin/lead r = rohs compliant packaging (see note 1) note 1: no suffix signifies bulk packaging, which is avx standard packaging. parts available tape and reel per eia- 468. use suffix tr1 if tape & reel is required. note: capacitors with x7r dielectrics are not intended for applications across ac supply mains or ac line filtering with polarity reversal. contact plant for recommendations. * hi-rel screening consists of 100% group a, subgroup 1 per mil-prf-39014. product offering C x7r avx se styles offer capacitance extension to popular sk ranges. the cv product for se-series, x7r capacitors (tcc: 15% over -55 to +125c) compares favorably to high cv ranges offered by other suppliers in much less stable y5u dielectric (tcc: +22/-56% over -30 to +85c). se style capacitors are conformally coated and are designed for input and output filtering applications in switch mode power supplies. temperature coefficient x7r: temperature coefficient 15%, -55 to +125c capacitance test (mil-std-202 method 305) x7r: 25c, 1.00.2 vrms (open circuit voltage) at 1khz dissipation factor 25c x7r: 2.5% max @ 25c, 1.00.2 vrms (open circuit voltage) at 1khz insulation resistance 25c (mil-std-202 method 302) x7r: 100k m or 1000 m-f, whichever is less. insulation resistance 125c (mil-std-202 method 302) x7r: 10k m or 100 m-f, whichever is less. dielectric withstanding voltage 25c (flash test) x7r: 250% rated voltage for 5 seconds with 50 ma max charging current. life test (1000 hrs) x7r: 200% rated voltage at +125c moisture resistance (mil-std-202 method 106) x7r: ten cycles with no voltage applied. thermal shock (mil-std-202 method 107, condition a) immersion cycling (mil-std-202 method 104, condition b) resistance to solder heat (mil-std-202, method 210, condition b, for 20 seconds) electrical specifications tape & reel quantity part pieces se01 2000 se03/se53 1000 se04/se54 1000 se05/se55 500 se06/se56 500 rohs part available se01 yes se03/se53 yes se04/se54 yes se05/se55 yes se06/se56 yes how to order not rohs compliant for rohs compliant products, please select correct termination style. performance of smps capacitors can be simulated by downloading spicalci software program - http://www.avx.com/spiapps/default.asp#spicalci custom values, ratings and configurations are also available.
68 smps capacitors (se style) product offering C x7r style l (max.) h (max.) t (max.) ls (nom.) ld (nom.) se01 5.08 (0.200) 5.08 (0.200) 5.08 (0.200) 5.08 (0.200) 0.508 (0.020) se03/se53 7.62 (0.300) 7.62 (0.300) 5.08 (0.200) 5.08 (0.200) 0.508 (0.020) se04/se54 10.2 (0.400) 10.2 (0.400) 5.08 (0.200) 5.08 (0.200) 0.508 (0.020) se05/se55 12.7 (0.500) 12.7 (0.500) 5.08 (0.200) 10.2 (0.400) 0.635 (0.025) se06/se56 22.1 (0.870) 15.2 (0.600) 5.08 (0.200) 20.1 (0.790) 0.813 (0.032) l = length t = thickness ls = lead spacing nominal .787 (0.031) h = height m = meniscus 1.52 (0.060) max. ll = lead length 50.8 (2.000) max./25.4 (1.000 min.) ld = lead diameter nominal .050 (0.002) se01 se03 C se06 se53 C se56 m ld ll ls h l m ld ll ls h l m ld ll ls h h + 3.683 (0.145) l t dimensions millimeters (inches) x7r capacitance range (f) style 25 50 100 wvdc wvdc wvdc min./max. min./max. min./max. se01 0.47/1.5 0.39/1.0 0.33/0.68 se03/se53 2.7/6.8 2.2/4.7 1.8/3.3 se04/se54 5.6/12 3.9/10 3.3/6.8 se05/se55 8.2/18 6.8/12 4.7/10.0 se06/se56 18/39 12/27 6.8/15
mouser electronics authorized distributor click to view pricing, inventory, delivery & lifecycle information: avx: ? se015c105kar? se033c685kar? se035c475kar? se041c685kar? se043c106kar? se045c106kar? SE051C106KAR? se053c186kar? se053c186kaa


▲Up To Search▲   

 
Price & Availability of SE051C106KAR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X